Part Number Hot Search : 
23208 YAAMUA SWE12400 LTC31 ADT7310 MRF449 PIC16C XXXGX
Product Description
Full Text Search
 

To Download T2035H-600TRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T2035H Series
SnubberlessTM high temperature 20 A Triacs
Main features
Symbol IT(RMS) VDRM/VRRM IGT (Q1) Tj MAX Value 20 600 35 150 Unit A V mA C
G A1 A2 A2
Description
Specifically designed to operate at 150 C, the new 20 A T2035H Triacs provide an enhanced performance in terms of power loss and thermal dissipation. This facilitates the optimization of heatsink dimensioning, leading to improved space and cost effectiveness when compared to electromechanical solutions. Based on ST SnubberlessTM technology, the T2035H series offers high commutation switching capabilities and high noise immunity levels on the full range of Tj. The T2035H series facilitates the optimization of the control of universal motors and inductive loads found in appliances such as vacuum cleaners, and washing machines. The T2035H Triacs are also suitable for use in high temperature environment found in hot appliances such as cookers, ovens, hobs, electric heaters, and coffee machines.
A2 G A1 A2
TO-220AB T2035H-T
D2PAK T2035H-G
Order code
Part number T2035H-600G T2035H-600G-TR T2035H-600TRG Marking T2035H-600G T2035H-600G T2035H-600T
TM: Snubberless is a trademark of STMicroelectronics
July 2006
Rev 1
1/10
www.st.com 10
Characteristics
T2035H Series
1
Table 1.
Symbol IT(RMS) ITSM It dI/dt VDSM/VRSM IGM PG(AV) Tstg Tj TI
Characteristics
Absolute maximum ratings
Parameter RMS on-state current (full sine wave) Non repetitive surge peak on-state current (full cycle sine wave, Tj initial = 25 C) It Value for fusing Critical rate of rise of on-state current IG = 2xIGT, tr 100 ns Non repetitive surge peak off state voltage Peak gate current Average gate power dissipation Storage junction temperature range Operating junction temperature range Maximum leads soldering temperature during 10 s tp = 20 s F = 60 Hz F = 50 Hz Tc = 127 C t = 16.7 ms t = 20 ms tp = 10 ms F = 120 Hz Tj = 125 C Tj = 25 C Tj = 150 C Tj = 150 C Value 20 210 A 200 283 50 700 4 1 -40 to +150 -30 to +150 260 A2s A/s V A W C C Unit A
Table 2.
Symbol IGT (1) VGT VGD IH
(2)
Electrical characteristics (Tj = 25 C, unless otherwise specified)
Test conditions VD = 12 V, RL = 33 VD = VDRM, RL =3.3 k, Tj = 150 C IT = 100 mA I - III IG = 1.2 x IGT VD = 67% VDRM, gate open, Tj = 150 C Without snubber, Tj = 150 C Quadrant I - II - III I - II - III I - II - III MAX MAX MIN MAX MAX II MIN MIN 80 300 8.9 Value 35 1.3 0.15 35 50 Unit
mA V V mA mA
IL dV/dt (2) (dI/dt)c
(2)
V/s A/ms
1. minimum IGT is guaranteed at 5% of IGT max 2. for both polarities of A2 referenced to A1
2/10
T2035H Series Table 3.
Symbol VTM (1) VTO RD
(1) (1)
Characteristics
Static electrical characteristics
Test conditions ITM= 28 A, tp = 380 s Tj = 25 C Tj = 150 C Tj = 150 C Tj = 25 C VDRM = VRRM VD/VR = 400 V (at peak mains voltage) MAX MAX MAX Value 1.5 0.80 21 5 MAX 7.4 mA Tj = 150 C 4.8 Unit V V m A
IDRM IRRM
Tj = 150 C
1. for both polarities of A2 referenced to A1
Table 4.
Symbol Rth (j-c) Rth (j-a)
Thermal resistance
Parameter Junction to case for full (AC) S = 1 cm Junction to ambient TO-220AB 60 D2PAK TO-220AB D2PAK Value 1 45 C/W Unit
Figure 1.
P(W)
24 22 20 18 16 14 12 10 8 6 4 2 0 0 2
=180
Maximum power dissipation vs RMS on-state current (full cycle)
Figure 2.
IT(RMS) (A)
22 20 18 16 14 12 10 8 6
RMS on-state current versus case temperature
=180
180
4 2 0 TC(C) 0 25 50 75 100 125 150
IT(RMS)(A) 4 6 8 10 12 14 16 18 20
3/10
Characteristics
T2035H Series
Figure 3.
RMS on-state current vs ambient temperature (epoxy printed circuit board FR4 ecu = 35 m)
=180 SCU=1cm
Figure 4.
Relative variation of thermal impedance vs pulse duration
IT(RMS) (A)
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 25 50 75 100 125 150 Tamb(C)
1.E-02 1.E-01 1.E+00
K=[Zth/Rth]
Zth(j-c)
Zth(j-a)
tP(s) 1.E-03 1.E-03 1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 1.E+03
Figure 5.
ITM(A)
100
On-state characteristics (maximum values)
Figure 6.
ITSM(A)
220 200 180
Surge peak on-state current vs number of cycles
Tj=150C
160 140
Tj=25C
Non repetitive Tj initial=25C
t=20ms
One cycle
10
120 100 80 60
Tj max. : VT0 = 0.80 V RD = 21 mW
Repetitive Tc=127C
40 20 0 1 10 Number of cycles 100 1000
VTM(V) 1 0.0 0.5 1.0 1.5 2.0
2.5
3.0
Figure 7.
Non repetitive surge peak on-state current (sinusoidal pulse width tp<10 ms) and value of It
Figure 8.
Relative variation of gate trigger current, holding current and latching current vs junction temperature (typical values)
ITSM(A), It (As)
10000
Tj initial=25C
IGT, IH, IL [T j] / IGT, IH, IL [T j=25C]
2.5
dI/dt limitation: 50A/s
2.0
IGT
1.5
1000
ITSM
IH & IL
1.0
It
0.5 Tj(C) -40 -20 0 20 40 60 80 100 120 140 160
tP(ms) 100 0.01
0.0
0.10 1.00 10.00
4/10
T2035H Series
Characteristics
Figure 9.
Relative variation of critical rate of Figure 10. Relative variation of critical rate of decrease of main current (di/dt)c decrease of main current (di/dt)c vs versus junction temperature reapplied (dV/dt)c
8 7
(dI/dt)c [T j] / (dI/dt)c [T j=125C]
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
(dI/dt)c [ (dV/dt) c ] / Specified (dI/dt) c
6 5 4 3 2
dV/dt (V/s)
1
Tj(C)
0.1
1.0
10.0
100.0
0 25 50 75 100 125 150
Figure 11. Leakage current versus junction temperature for different values of blocking voltage (typical values)
IDRM/IRRM(mA)
Figure 12. Acceptable repetitive peak off-state voltage versus case-ambient thermal resistance
Rth(c-a) (C/W)
10 9
1.E+01
VDRM=VRRM=600 V
1.E+00
VDRM=VRRM=400 V
8 7 6
Rth(j-c)=1C/W TJ=150C
1.E-01
VDRM=VRRM=200 V
5 4
1.E-02
3 2
1.E-03
T j(C)
1 0 300
VDRM/VRRM(V) 350 400 450 500 550 600
1.E-04 50 75 100 125 150
Figure 13. D2PAK junction to ambient thermal resistance versus copper surface under tab (PCB FR4, copper thickness 35 m)
Rth(j-a) (C/W)
80
DPAK
70 60 50 40 30 20 10 0 0 5 10 15 20 25 30 35 40 SCU(cm)
5/10
Ordering information scheme
T2035H Series
2
Ordering information scheme
T
Triac series Current 20 = 20 A Sensitivity 35 = 35 mA High temperature Voltage 600 = 600 V Package G = D2PAK T = TO-220AB Packing mode Blank = Tube (D2PAK) -TR = Tape and reel (D2PAK) RG = Tube (TO-220AB)
20
35 H - 600
T (-TR)
6/10
T2035H Series
Package information
3
Package information
Table 5. TO-220AB dimensions
DIMENSIONS REF. Millimeters Min. A
B OI L F b2 C
Inches Min. Typ. Max. 0.625 0.147
Typ.
Max.
15.20 3.75 13.00 10.00 0.61 1.23 4.40 0.49 2.40 2.40 6.20 3.75
15.90 0.598
a1 a2 B b1
14.00 0.511 10.40 0.393 0.88 0.024 1.32 0.048 4.60 0.173 0.70 0.019 2.72 0.094 2.70 0.094 6.60 0.244 3.85 0.147
0.551 0.409 0.034 0.051 0.181 0.027 0.107 0.106 0.259 0.151
A I4 l3 a1 l2 c2
b2 C c1 c2 e
M
a2
b1 e
c1
F OI I4 L l2 l3 M
15.80 16.40 16.80 0.622 0.646 0.661 2.65 1.14 1.14 2.60 2.95 0.104 1.70 0.044 1.70 0.044 0.102 0.116 0.066 0.066
7/10
Package information Table 6. D2PAK dimensions
T2035H Series
DIMENSIONS REF. Millimeters Min. A
A E L2 C2
Inches Min. 0.173 0.098 0.001 0.027 0.045 0.017 0.048 0.352 0.393 0.192 0.590 0.050 0.055 0.094 Max. 0.181 0.106 0.009 0.037 0.067 0.024 0.054 0.368 0.409 0.208 0.624 0.055 0.069 0.126
Max. 4.60 2.69 0.23 0.93 1.70 0.60 1.36 9.35 10.40 5.28 15.85 1.40 1.75 3.20
4.40 2.49 0.03 0.70 1.14 0.45 1.23 8.95 10.00 4.88 15.00 1.27 1.40 2.40
A1 A2 B
D
B2 C
L L3 A1 B2 B G A2 2mm min. FLAT ZONE R
C2
C
D E G L L2
V2
L3 M R V2
0.40 typ. 0 8
0.016 typ. 0 8
Figure 14. D2PAK Footprint
16.90
10.30 1.30
5.08
8.90
3.70
All dimensions in mm
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
8/10
T2035H Series
Ordering information
4
Ordering information
Part number T2035H-600G T2035H-600G-TR T2035H-600TRG Marking T2035H-600G T2035H-600G T2035H-600T Package D2PAK D PAK TO-220AB
2
Weight 1.5 g 1.5 g 2.3 g
Base Qty 50 1000 50
Packing mode Tube Tape and Reel Tube
5
Revision history
Date 13-Jul-2006 Revision 1 Initial release. Changes
9/10
T2035H Series
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of T2035H-600TRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X